Part Number Hot Search : 
TF94434H 25402 HIN206CA 1N5141A BCV46 C783CS PT110 813LHG
Product Description
Full Text Search
 

To Download SRP1235-R82M Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 *R *RoHS oH C S OM CO P M LIA PL N IA T NT
Features
Shielded construction Unit height of 3.7 mm Inductance range: 0.1 H to 6.8 H Current up to 43 A Lead free RoHS compliant*
Applications
Input/output of DC/DC converters Power supplies for: * Portable communications equipment * Camcorders * LCD TVs * Car audio systems
SRP1235 Series - Shielded Power Inductors
Electrical Specifications
Inductance L (H) I rms (A) I sat (A) DCR (m) max.
Bourns Part No.
SRP1235-R10M SRP1235-R15M SRP1235-R22M SRP1235-R33M SRP1235-R47M SRP1235-R60M SRP1235-R68M SRP1235-R82M SRP1235-1R0M SRP1235-1R5M SRP1235-1R8M SRP1235-2R2M SRP1235-3R3M SRP1235-4R7M SRP1235-5R6M SRP1235-6R8M
0.10 0.15 0.22 0.33 0.47 0.60 0.68 0.82 1.00 1.50 1.80 2.20 3.30 4.70 5.60 6.80
43.0 41.0 38.5 36.5 32.0 29.0 28.0 25.0 24.0 19.0 16.5 16.0 12.0 10.0 10.0 9.0
56 50 50 50 44 42 40 38 36 28 24 20 18 16 14 13
0.96 1.2 1.3 1.5 2.0 2.5 2.5 3.0 3.5 5.5 7 8 12 15 18 22
General Specifications Test Voltage...................................0.25 V Test Frequency ..........................100 KHz Reflow Soldering .....230 C; 50 sec max. Operating Temperature ..-55 C to +150 C (Temperature rise included) Storage Temperature..-55 C to +150 C Resistance to Soldering Heat ..............................+260 C for 10 sec. Materials Core...............................................Ferrite Wire .............................Enameled copper Terminal .........................................Cu/Sn Rated Current.......Ind. drops 20 % at I sat Temperature Rise..........40 C at rated I rms Packaging .......600 pcs. per 13-inch reel Product Dimensions
13.9 MAX. (0.547) 12.7 0.3 (0.500 0.012) 3.7 MAX. (.146) 3.5 (.138) MAX.
Soldering Profile
275 225 175 150 C 125 75 25 0 50 100 150 200 250 300 120-150 seconds 10 seconds minimum Ramp Up 4 C/second maximum <1> Maximum of 10 seconds between +255 C and +260 C 260 C peak <1> 255 C 220 C 190C 60 seconds maximum Ramp Down 5 C/second
13.9 (0.547) MAX.
R68
12.7 0.3 (0.500 0.012)
Temperature (C)
3.0 0.5 (0.118 0.020) 2.5 0.5 (0.098 0.020)
Time (Seconds)
Recommended Layout
15.0 (0.591)
Electrical Schematic
4.5 (.177)
7.0 (.276)
DIMENSIONS:
MM (INCHES)
*RoHS Directive 2002/95/EC Jan 27 2003 including Annex Specifications are subject to change without notice. Customers should verify actual device performance in their specific applications.
SRP1235 Series - Shielded Power Inductors
L vs. I Charts
SRP1235-R10 SRP1235-R15 SRP1235-R22
0.20 0.18 0.16 0.14 0.12 0.10 0.08 0.06 0.04 0.02 0 04
100 90 80 70 60 50 40 30 20 10 0 8 12 16 20 24 28 32 36 40 44 48 52 56
0.30 0.27 0.24 0.21 0.18 0.15 0.12 0.09 0.06 0.03 0 04 8
100 90 80 70 60 50 40 30 20 10 0 12 16 20 24 28 32 36 40 44 48 52
0.50 0.45 0.40 0.35 0.30 0.25 0.20 0.15 0.10 0.05 0 0 4 8
12 16 20 24
100 90 80 70 60 50 40 30 20 10 0 28 32 36 40 44 48
Temperature Rise (C)
Temperature Rise (C)
DC Current (A)
DC Current (A)
DC Current (A)
0.60 0.54 0.46 0.43 0.36 0.30 0.24 0.16 0.13 0.06 0 0 5 10
SRP1235-R33
15
20
25
30
35
40
45
100 90 80 70 60 50 40 30 20 10 0 50
0.80 0.72 0.64 0.56 0.48 0.40 0.32 0.24 0.16 0.08 0 0 4 8 12
SRP1235-R47
16 20
24
28
32
36
40
100 90 80 70 60 50 40 30 20 10 0 44
1.20 1.08 0.96 0.84 0.72 0.60 0.48 0.36 0.24 0.12 0 0 4 8 12
SRP1235-R60
16 20
24
28
32
36
40
100 90 80 70 60 50 40 30 20 10 0 44
Temperature Rise (C)
Temperature Rise (C)
DC Current (A)
DC Current (A)
DC Current (A)
1.50 1.35 1.20 1.05 0.90 0.75 0.60 0.45 0.30 0.15 0 0 4 8
SRP1235-R68
12 16
20
24 28
32
36
40
100 90 80 70 60 50 40 30 20 10 0 4
1.50 1.35 1.20 1.05 0.90 0.75 0.60 0.45 0.30 0.15 0 0 4 8
SRP1235-R82
12
16
20
24
28
32
36
100 90 80 70 60 50 40 30 20 10 0 40
1.50 1.35 1.20 1.05 0.90 0.75 0.60 0.45 0.30 0.15 0 0 4 8
SRP1235-1R0
12
16
20
24
28
32
36
100 90 80 70 60 50 40 30 20 10 0 40
Temperature Rise (C)
Temperature Rise (C)
DC Current (A)
DC Current (A)
DC Current (A)
3.0 2.7 2.4 2.1 1.8 1.5 1.2 0.9 0.6 0.3 0 0 4 8
SRP1235-1R5
12
16
20
24
100 90 80 70 60 50 40 30 20 10 0 28
3.0 2.7 2.4 2.1 1.8 1.5 1.2 0.9 0.6 0.3 0 0 4
SRP1235-1R8
8
12
16
20
100 90 80 70 60 50 40 30 20 10 0 24
4.0 3.6 3.2 2.8 2.4 2.0 1.6 1.2 0.8 0.4 0 0 4
SRP1235-2R2
8
12
16
20
100 90 80 70 60 50 40 30 20 10 0 24
Temperature Rise (C)
Temperature Rise (C)
DC Current (A)
DC Current (A)
DC Current (A)
Specifications are subject to change without notice. Customers should verify actual device performance in their specific applications.
Temperature Rise (C)
Inductance (H)
Inductance (H)
Inductance (H)
Temperature Rise (C)
Inductance (H)
Inductance (H)
Inductance (H)
Temperature Rise (C)
Inductance (H)
Inductance (H)
Inductance (H)
Temperature Rise (C)
Inductance (H)
Inductance (H)
Inductance (H)
SRP1235 Series - Shielded Power Inductors
L vs. I Charts
6.0 5.4 4.8 4.2 3.6 3.0 2.4 1.8 1.2 0.6 0 0 2 4 6
SRP1235-3R3
8
10
12
14
16
18
100 90 80 70 60 50 40 30 20 10 0 20
8.0 7.2 6.4 5.6 4.8 4.0 3.2 2.4 1.6 0.8 0 0 2 4 6
SRP1235-4R7
8
10
12
14
16
18
100 90 80 70 60 50 40 30 20 10 0 20
10 9 8 7 6 5 4 3 2 1 0 0 2 4
SRP1235-5R6
6
8
10
12
14
100 90 80 70 60 50 40 30 20 10 0 16
Temperature Rise (C)
Temperature Rise (C)
DC Current (A)
DC Current (A)
DC Current (A)
15.0 13.5 12.0 10.5 9.0 7.5 6.0 4.5 3.0 1.5 0 0 1 2 3 4
SRP1235-6R8
5
6
7
8
100 90 80 70 60 50 40 30 20 10 0 9 10 11 12 13
DC Current (A)
Packaging Specifications
330.0 (13.00) DIA. 2.0 0.5 (.079 .020)
Temperature Rise (C)
Inductance (H)
DIMENSIONS:
THICKNESS 0.10 (.004) MAX. EMBOSSED CAVITY
MM (INCHES)
21.0 0.8 (.827 .031)
13.5 0.5 (0.53 .020) DIA. 75.0 2.0 (2.96 0.08)
13.5 0.5 DIA. (.53 .020) EMBOSSED CARRIER 24.0 0.5 (0.95 0.020)
0.35 0.05 (0.014 0.020) 13.9 0.1 (0.547 0.004)
4.0 0.1 (0.157 0.004)
2.0 0.1 (0.079 0.004)
1.5 0.1 (0.059 0.004) DIA.
1.75 0.1 (.069 0.004)
2.7 0.3 (.106 0.012)
24.0 0.3 (0.95 0.012)
4.5 0.1 (0.177 0.004)
0.15 DIA. (0.0006)
13.5 0.1 (0.520 0.004)
16.0 0.1 (0.629 0.004)
REV. 10/06 Specifications are subject to change without notice. Customers should verify actual device performance in their specific applications.
Temperature Rise (C)
Inductance (H)
Inductance (H)
Inductance (H)


▲Up To Search▲   

 
Price & Availability of SRP1235-R82M

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X